Part Number Hot Search : 
6058ES RD33F 58005 HMC349 CY7C680 HMC813 110000 PQ012
Product Description
Full Text Search
 

To Download 1N5333B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.0W Zener Diodes 1N5333B - 1N5388B
5.0W Zener Diodes
Features
* Glass passivated junction * Complete voltage range 3.3 to 200V * * * * High peak reverse power dissipation High reliability Low leakage current RoHS Compliant 1.5KE
Mechanical Data
Case: Epoxy: Lead: Polarity: Weight: Molded plastic black body,1.5KE Plastic package has UL flammability 94V-0 Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.045 ounce, 1.2 grams
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Power Dissipation Non Repetitive Peak Zener Dissipation (t=8.3ms) Value 5.0 180 Unit W W TA=75 C Conditions
PD PZSM
VF
Max. Forward Voltage Drop
1.2
V
IF=3.0A
Rthj-a TJ,TSTG
Max. Thermal Resistance at: 10mm Lead Length Operating Junction and Storage Temperature Range
20
C/W
-55 to 175
C
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/AH 2007-11-27 Page 1 of 5
5.0W Zener Diodes 1N5333B - 1N5388B
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Norminal Zener Voltage @ IZT Part NO. Test Current Max. Zener Impedance () Max. Reverse Leakage Current IR @ VR Max. Zener Current
V Z(V)
Nom. Min. 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 Max. 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65
IZT(mA)
380 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40
ZZT @ IZT
3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 1.0 1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10
ZZK @ Izk
400 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150
IZK(mA)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
IR (A)
300 150 50 10 5.0 1.0 1.0 1.0 1.0 10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VR (V)
1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.0 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19.0 20.6 21.2 22.8 25.1
IZM(mA)
1440 1320 1220 1100 1010 930 865 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 264 250 237 216 198 190 176 170 158 144
1N5333B 1N5334B 1N5335B 1N5336B 1N5337B 1N5338B 1N5339B 1N5340B 1N5341B 1N5342B 1N5343B 1N5344B 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33
Rev. A/AH 2007-11-27 www.taitroncomponents.com Page 2 of 5
5.0W Zener Diodes 1N5333B - 1N5388B
Norminal Zener Voltage @ IZT Part NO. Test Current Max. Reverse Leakage Current IR @ VR Max. Zener Current
Max. Zener Impedance ()
V Z(V)
Nom. Min. 34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45 95.00 104.5 114.0 123.5 133.0 142.5 152.0 161.5 171.0 180.5 190.0 Max. 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 105.0 115.5 126.0 136.5 147.0 157.5 168.0 178.5 189.0 199.5 210.0
IZT(mA)
30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0
ZZT @ IZT
11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480
ZZK @ Izk
160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
IZK(mA)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
IR (A)
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VR (V)
27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56.0 62.2 66.0 69.2 76.0 83.6 91.2 98.8 106 114 122 129 137 144 152
IZM(mA)
132 122 110 100 93.0 86.0 79.0 76.0 70.0 63.0 58.0 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6
1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 1N5370B 1N5371B 1N5372B 1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 1N5379B 1N5380B 1N5381B 1N5382B 1N5383B 1N5384B 1N5385B 1N5386B 1N5387B 1N5388B
36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
Note: (1) Test with pulses. Pulse test: tp50 ms; <2%
(2) Test conditions for voltage regulation are as follows. Vz measurements are made at 10% and then at 50% of the Iz max. value listed in the electrical characteristics table.
Rev. A/AH 2007-11-27 www.taitroncomponents.com Page 3 of 5
5.0W Zener Diodes 1N5333B - 1N5388B
Rthj-a, Thermal Resistance Junction-ambient ( C/W)
Typical Characteristics Curves
Fig.1- Max. Continuous Power Dissipation
Fig.2-Thermal Resistance
PD, Max. Power Dissipation (W)
TA, Ambient Temperature (C)
I Lead Length (mm)
Dimensions in inch (mm)
1.5KE
Rev. A/AH 2007-11-27 www.taitroncomponents.com Page 4 of 5
5.0W Zener Diodes 1N5333B - 1N5388B
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2007-11-27 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of 1N5333B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X